Part Number Hot Search : 
LQ0B152 192P561 133BGX APX188 75K10 C68HC MCJ40 MMBF439
Product Description
Full Text Search
 

To Download FR251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f r 2 5 1 t h r u f r 2 5 7 fast recovery rectifier reverse voltage: 50 to 1000 volts forward current:2.5amperes features mechanical data maximum ratings and electrical characteristics case : jedec do -15 molded plastic body terminals : plated axial leads, solderable per mil-std-750,method 2026 polarity : color band denotes cathode end mounting position : any weight : 0.03 ounce, 0.54 gram note : 1.t est conditions: i f= 0.5a,i r =1.0a,i rr =0.25a. (rating at 25 c ambient temperature unless otherwise specified.single phase ,half wave ,60h z ,resistive or inductive load. f or capacitive load,derate current by 20%.) 2.measured at 1mh z and applied reverse voltage of 4.0 v olts d.c. low leakage maximum recurrent peak reverse v oltage v rrm v olts v olts v olts v olts a p f a mps a mps v rms v dc i (a v) i fsm t stg v f i r t rr c j maximum rms v oltage maximum dc blocking v oltage maximum a verage forward rectified current 0.375"(9.5mm)lead length at t a =75c maximum instantaneous forward v oltage at 2.5 a operating junction and storage temperature range maximum reverse recovery time(note1) t ypical junction capacitance(note2) peak forward surge current ,8.3ms single half sine-wave -65 to+175 150 60 500 250 c t j 50 50 35 100 100 70 200 200 140 400 400 280 600 600 420 800 800 560 1000 1000 700 150 1.3 2.5 pf dimensions in inches and (millimetrers) r s e m i c o n d u c t o r symbols units fr 251 fr 252 fr 253 fr 254 fr 255 fr 256 fr 257 maximum dc reverse current at rated dc blocking voltage 150 10 t a =25c t a =100c 3 0 high reliability high current surge high current capability low forward voltage drop jinan jinghen g co., l td. no .51 heping ro ad jinan p .r. china tel:86-531-86943 657 f ax:86-531-869470 96 www .jifusemicon. com 7- 28 component in accordance to rohs 2002/95/ec and weee 2002/96/ec high temperature soldering guaranteed:260c/10 seconds at terminals n s do-1 5 0.300(7.60) 0.144(3.6) 0.036(0.90) 1.0(25.4) min 1.0(25.4) min 0 . 2 3 0 ( 5 . 6 0 ) 0.104(2.6) dia 0.028(0.70) dia j f j f
r at i n g s a n d c h a r a c t e r i s t i c c u r v e s f r 2 5 1 t h r u f r 2 5 7 25 0 50 75 100 125 150 0.4 1 4 8 6 2 60 10 20 40 100 0.6 0.8 1.0 1.2 1.4 1.8 1.6 0 25 50 75 100 125 150 175 fig.1-typical forward current derating curve fig.2-maximum non-repetitive forward surge current fig.3-typical instantaneous forward characteristics a v e r a g e f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) instantaneous forward voltage (volts) reverse voltage. (v) set time base for 50/100 ns/cm number of cycles at 60hz ambient temperature ( c) t j =25 c 8.3ms single half sine- wa ve (jedec method) 1 2 6 4 0.1 0.2 0.4 1 4 2 10 40 20 1cm trr -0.25a 0 +0.5a -1.0a 100 10 60 40 100 20 200 fig.4-typical junction capacitance fig.5-test circuit diagram and reverse recovery time characteristic j u n c t i o n c a p a c i t a n c e ( p f ) t j =25 c singie phase haif wa ve 60h z resistive or inductive l oad pulse w idth=300 s 1% duty cycle 0.01 0.03 0.1 0.3 1 3 10 20 0 0.5 1.0 1.5 2.0 2.5 jinan jinghen g co., l td. no .51 heping ro ad jinan p .r. china tel:86-531-86943 657 f ax:86-531-869470 96 www .jifusemicon. com 7- 29 pulse generator (note2) noninductive oscilloscope (note1) d.u.t . noninductive nonin- ductive 50vdc 1 ( ? ) ( ? ) notes:1.rise t ime=7ns max. input lmpedance=1 megohm 22pf 2.rise t ime=10ns max. source lmpedance= 50 ohms (adjust able)


▲Up To Search▲   

 
Price & Availability of FR251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X